PART |
Description |
Maker |
POE POE03-033 POE03-050 POE03-120 POE07-033 POE07- |
POE Transformers for 3W, 7W and 13W applications
|
PREMO CORPORATION S.L
|
CEFD1608 |
General Power & PoE Transformer<SMD Type: CEFD series> General Power & PoE Transformer Type: CEFD series General Power & PoE Transformer
|
Sumida Corporation
|
8409-06 8409-09 8409-01 8409-02 8409-03 8409-04 84 |
SMD Power Inductors and Transformers
|
FILTRAN[Filtran LTD]
|
8417-03 8417-04 8417-05 8417-XX 8417-01 8417-02 84 |
SMD Power Inductors and Transformers
|
FILTRAN[Filtran LTD]
|
CTX8-1A-R CTX0.47-1-R CTX0.47-2-R CTX0.47-2P-R CTX |
ECONO-PAC?OCTA-PAC? OCTA-PAC? PLUS Power Inductors and Transformers Surface mount magnetics that can be used as singleor coupled inductors or 1:1 transformers that provide isolation between two windings 2 ELEMENT, 0.284 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD 2 ELEMENT, 0.6 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
SI3461-E02-GM SI3461-KIT |
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
|
Silicon Laboratories
|
POE61S-4AF-R |
5 Port PoE Switch Powered by ULTRA PoE
|
Phihong USA Inc.
|
LTC4270CIUKGPBF |
12-Port PoE/PoE /LTPoE PSE Controller
|
Linear Technology
|
LTC4266 LTC4267-1 LTC4267-3 LTC4270 LTC4311 LTC427 |
12-Port PoE/PoE /LTPoE PSE Controller
|
Linear Technology
|
LTC4274C-15 |
Single PoE/PoE/LTPoE PSE Controller
|
Linear Technology
|
FEP-0811 |
IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
|
Level One
|
TTWB2010-1L TTWB2010L TTWB2040L TTWB3010-1L TTWB30 |
0.13 MHz - 425 MHz RF TRANSFORMER PoE transformer, SMT, RoHS 0.03 MHz - 250 MHz RF TRANSFORMER Surface Mount Wideband RF Transformers
|
COILCRAFT INC Coilcraft, Inc. http:// Coilcraft lnc.
|